Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRP1040-R36M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce SRP1040-R36M
Description  SRP1040 Series - Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1040-R36M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  SRP1040-R36M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1040-R36M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1040-R36M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1040-R36M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0
4
8
1216
20
24
2832
3640
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-R36M
0
0
3
6
9
12
15
18
21
24
27
30
33
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-R68M
0
02
4
6
8
10 12 14 16 18
22
20
24
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-2R2M
0
36
9
12
15
18
21
24
27
30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-1R0M
0
0
4
8
1216
20
24
2832
3640
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-R47M
0
46 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-R56M
0
02
4
6
8
10
14
12
16
20
18
22
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-1R5M
0
04
8
12
16
20
24
28
32
36
40
0.05
0.1
0.15
0.2
0.25
0
10
DC Current (A)
SRP1040-R20M
20
30
40
50
60
70
80
90
100
0
04
812
16
20
24
28
32
0.2
0.1
0.3
0.5
0.4
0.6
0.7
0.8
0.9
1.0
0
10
DC Current (A)
SRP1040-R80M
20
30
40
50
60
70
80
90
100
0
0
9
18
27
36
45
0.06
0.12
0.18
0.24
0.3
0
DC Current (A)
SRP1040-R15M
20
40
60
80
100
0
0
6.2
12.4
18.6
24.8
31
0.3
0.6
0.9
1.2
1.5
0
DC Current (A)
SRP1040-R75M
20
40
60
80
100
0
0
4.4
8.8
13.2
17.6
22
0.6
1.2
1.8
2.4
3
0
DC Current (A)
SRP1040-1R2M
20
40
60
80
100
0
04
8
12
16
20
0.6
1.2
1.8
2.4
3
0
DC Current (A)
SRP1040-1R7M
20
40
60
80
100
0
0
7.6
15.2
22.8
30.4
38
0.12
0.24
0.36
0.48
0.6
0
20
40
60
80
100
DC Current (A)
SRP1040-R39M
0
0
7.2
14.4
21.6
28.8
36
0.14
0.28
0.42
0.56
0.7
0
20
40
60
80
100
DC Current (A)
SRP1040-R50M
SRP1040 Series - Shielded Power Inductors
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
L vs. I Charts



Html Pages

1 2 3 4