Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FVC3100 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce FVC3100
Description  FVC Series Voltage Control Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FVC3100 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  FVC3100 Datasheet HTML 1Page - Bourns Electronic Solutions FVC3100 Datasheet HTML 2Page - Bourns Electronic Solutions FVC3100 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
FVC Series Voltage Control Devices
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
D
D2
D1
W1
0.10
(0.004)
EMBOSSED CARRIER TAPE
TOP COVER TAPE THICKNESS (t1)
MAX.
EMBOSSED CAVITY
Symbol
Dim.
A0
2.72± 0.10
(0.109 ± 0.004)
B0
5.25± 0.10
(0.210 ± 0.004)
d
1.55± 0.05
(0.061 ± 0.002)
D
330.0
(13.0)
D1
50.0
MIN.
(1.969)--------
D2
13.50 ± 1.0
(0.531 ± 0.039)
E
1.75 ± 0.10
(0.069 ± 0.004)
F
5.50 ± 0.05
(0.217 ± 0.002)
K0
2.66
MAX.
(0.105)--------0
P
4.00 ± 0.10
(0.157 ± 0.004)
P0
4.00 ± 0.10
(0.157 ± 0.004)
P1
2.00 ± 0.05
(0.079 ± 0.002)
t
0.60
MAX.
(0.024)--------.
W
12.00 ± 0.30
(0.472 ± 0.012)
W1
18.4
MAX.
(0.724)--------.
E
P
Ao
t
P1
Po
d
W
Bo
Ko
F
SEE NOTE 2
SEE NOTE 1
START
END
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
COPYRIGHT©2009, BOURNS, INC. LITHO IN U.S.A. e 01/09
FU0903
01/09



Html Pages

1 2 3