| Moteur de recherche de fiches techniques de composants électroniques |
|
DS9034PCX Fiches technique(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS9034PCX Fiches technique(HTML) 13 Page - Dallas Semiconductor |
|
13 / 21 page ![]() DS1554 13 of 21 WRITE CYCLE, AC CHARACTERISTICS (0 °C to 70°C; V CC = 5.0V ±10%) 70 ns access 100 ns access PARAMETER SYMBOL MIN MAX MIN MAX UNITS NOTES Write Cycle Time tWC 70 100 ns Address Access Time tAS 00 ns WE Pulse Width tWEW 50 70 ns CE Pulse Width tCEW 60 75 ns Data Setup Time tDS 30 40 ns Data Hold time tDH1 0 0 ns 9 Data Hold time tDH2 X X ns 10 Address Hold Time tAH1 5 5 ns 9 Address Hold Time tAH2 X X ns 10 WE Data Off Time tWEZ 25 35 ns Write Recovery Time tWR 55 ns WRITE CYCLE, AC CHARACTERISTICS (0 °C to 70°C; V CC = 3.3V ±10%) 120 ns access 150 ns access PARAMETER SYMBOL MIN MAX MIN MAX UNITS NOTES Write Cycle Time tWC 120 150 ns Address Setup Time tAS 00 ns WE Pulse Width tWEW 100 130 ns CE Pulse Width tCEW 110 140 ns Data Setup Time tDS 80 90 ns Data Hold Time tDH1 0 0 ns 9 Data Hold Time tDH2 X X ns 10 Address Hold Time tAH1 0 0 ns 9 Address Hold Time tAH2 X X ns 10 WE Data Off Time tWEZ 40 50 ns Write Recovery Time tWR 10 10 ns |