Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP45DT01 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce MP45DT01
Description  MEMS audio sensor omni-directional digital microphone
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT01 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button MP45DT01 Datasheet HTML 3Page - STMicroelectronics MP45DT01 Datasheet HTML 4Page - STMicroelectronics MP45DT01 Datasheet HTML 5Page - STMicroelectronics MP45DT01 Datasheet HTML 6Page - STMicroelectronics MP45DT01 Datasheet HTML 7Page - STMicroelectronics MP45DT01 Datasheet HTML 8Page - STMicroelectronics MP45DT01 Datasheet HTML 9Page - STMicroelectronics MP45DT01 Datasheet HTML 10Page - STMicroelectronics MP45DT01 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application hints
MP45DT01
8/11
Doc ID 17801 Rev 1
4.1
Soldering information
The HLGA 4.72x3.76 6LD package is compliant with the ECOPACK®, RoHS and “Green”
standard. It is qualified for soldering heat resistance according to JEDEC J-STD-020. Land
pattern and soldering recommendations are available at www.st.com.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11