Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXTH52P10P Fiches technique(PDF) 3 Page - IXYS Corporation

No de pièce IXTH52P10P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH52P10P Fiches technique(HTML) 3 Page - IXYS Corporation

  IXTH52P10P Datasheet HTML 1Page - IXYS Corporation IXTH52P10P Datasheet HTML 2Page - IXYS Corporation IXTH52P10P Datasheet HTML 3Page - IXYS Corporation IXTH52P10P Datasheet HTML 4Page - IXYS Corporation IXTH52P10P Datasheet HTML 5Page - IXYS Corporation IXTH52P10P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXTA52P10P IXTH52P10P
IXTP52P10P IXTQ52P10P
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
TO-247 (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
e
∅ P
1
2
3
TO-3P (IXTQ) Outline
Pins: 1 - Gate
2 - Drain
TO-220 (IXTP) Outline
TO-263 (IXTA) Outline



Html Pages

1 2 3 4 5 6