| Moteur de recherche de fiches techniques de composants électroniques |
|
1202A2 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
1202A2 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 7 page ![]() B2-110 APEM www.apem.com B2 1200 series Momentary pushbutton switches - round plunger X209L NF standard marked - Silver contacts 1233AX209L Normally open SPECIAL MODELS X209 NF standard marked - Silver contacts AGENCY APPROVALS 1233AX209 Normally open NOTE : Ground connector U187 compulsory on models X209 and X209L if the panel is not metallic or not connected to ground. Order separately : see section I. ➞ Keyway ➞ Keyway Ø8.00 (.315DIA) 6.35x0.80 14.00 (.551) (.25x0.031) (.519) 13.20 17.00 (.669) Ø12.00x0.75 SI (.472DIAx0.75 IS) (.25x0.031) 6.35x0.80 Ø12.00x0.75 SI (.472DIAx0.75 IS) 14.00 (.551) (.519) 13.20 17.00 (.669) Ø8.00 (.315DIA) NF All models UL-CSA All models function 3 (NO), including X209 and X209L Marking : to order switches marked NF, UL or CSA, complete above box with desired approvals. 15-Serie 1200-A_20-Serie 1200-A 21/11/12 16:41 Page110 |