Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS1007-12 Fiches technique(PDF) 6 Page - Dallas Semiconductor

No de pièce DS1007-12
Description  7-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1007-12 Fiches technique(HTML) 6 Page - Dallas Semiconductor

  DS1007-12 Datasheet HTML 1Page - Dallas Semiconductor DS1007-12 Datasheet HTML 2Page - Dallas Semiconductor DS1007-12 Datasheet HTML 3Page - Dallas Semiconductor DS1007-12 Datasheet HTML 4Page - Dallas Semiconductor DS1007-12 Datasheet HTML 5Page - Dallas Semiconductor DS1007-12 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1007
6 of 6
TEST CONDITIONS
INPUT:
Ambient Temperature:
25°C ± 3°C
Supply Voltage (VCC):
5.0V ± 0.1V
Input Pulse:
High = 3.0V ± 0.1V
Low = 0.0V ± 0.1V
Source Impedance:
50 ohm max.
Rise and Fall Time:
3.0 ns max.
Pulse Width:
500 ns
Period:
1 µs
OUTPUT:
Each output is loaded with the equivalent of one 74F04 input gate. Delay is measured at the 1.5V level on
the rising edge.
NOTE:
Above conditions are for test only and do not restrict the operation of the device under other data sheet
conditions.



Html Pages

1 2 3 4 5 6