| Moteur de recherche de fiches techniques de composants électroniques |
|
L7812ABV Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7812ABV Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 58 page ![]() Electrical characteristics Positive voltage regulator ICs 22/58 DocID2143 Rev 32 Refer to the test circuits, TJ = 0 to 125 °C, VI = 23 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified(n). n. Minimum load current for regulation is 5 mA. Table 16. Electrical characteristics of L7815C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 14.4 15 15.6 V VO Output voltage IO = 5 mA to 1 A, VI = 17.5 to 28 V 14.25 15 15.75 V VO Output voltage IO = 1 A, VI = 28 to 30 V, TJ = 25°C 14.25 15 15.75 V ΔVO(1) Line regulation VI = 17.5 to 30 V, TJ = 25°C 300 mV VI = 20 to 26 V, TJ = 25°C 150 ΔVO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 300 mV IO = 250 to 750 mA, TJ = 25°C 150 Id Quiescent current TJ = 25°C 8 mA ΔId Quiescent current change IO = 5 mA to 1A 0.5 mA VI = 17.5 to 30 V 1 ΔVO/ΔT Output voltage drift IO = 5 mA -1 mV/°C eN Output noise voltage B = 10 Hz to 100kHz, TJ = 25°C 90 µV/VO SVR Supply voltage rejection VI = 18.5 to 28.5 V, f = 120 Hz 54 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 V RO Output resistance f = 1 kHz 19 m Ω Isc Short circuit current VI = 35 V, TJ = 25°C 0.23 A Iscp Short circuit peak current TJ = 25°C 2.2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |