Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7805CDT-TR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L7805CDT-TR
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CDT-TR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L7805CDT-TR Datasheet HTML 5Page - STMicroelectronics L7805CDT-TR Datasheet HTML 6Page - STMicroelectronics L7805CDT-TR Datasheet HTML 7Page - STMicroelectronics L7805CDT-TR Datasheet HTML 8Page - STMicroelectronics L7805CDT-TR Datasheet HTML 9Page - STMicroelectronics L7805CDT-TR Datasheet HTML 10Page - STMicroelectronics L7805CDT-TR Datasheet HTML 11Page - STMicroelectronics L7805CDT-TR Datasheet HTML 12Page - STMicroelectronics L7805CDT-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DocID2143 Rev 32
9/58
Positive voltage regulator ICs
Electrical characteristics
58
5
Electrical characteristics
VI = 10 V, IO = 1 A, TJ = 0 to 125 °C (L7805AC), TJ = -40 to 125 °C (L7805AB), unless
otherwise specified(a).
a.
Minimum load current for regulation is 5 mA.
Table 3. Electrical characteristics of L7805A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.9
5
5.1
V
VO
Output voltage
IO = 5 mA to 1 A, VI = 7.5 to 18 V
4.8
5
5.2
V
VO
Output voltage
IO = 1 A, VI = 18 to 20 V, TJ = 25°C
4.8
5
5.2
V
ΔVO (1) Line regulation
VI = 7.5 to 25 V, IO = 500 mA, TJ = 25°C
7
50
mV
VI = 8 to 12 V
10
50
mV
VI = 8 to 12 V, TJ = 25°C
2
25
mV
VI = 7.3 to 20 V, TJ = 25°C
7
50
mV
ΔVO (1) Load regulation
IO = 5 mA to 1 A
25
100
mV
IO = 5 mA to 1.5 A, TJ = 25°C
30
100
IO = 250 to 750 mA
8
50
Iq
Quiescent current
TJ = 25°C
4.3
6
mA
6mA
ΔIq
Quiescent current change
VI = 8 to 23 V, IO = 500 mA
0.8
mA
VI = 7.5 to 20 V, TJ = 25°C
0.8
mA
IO = 5 mA to 1 A
0.5
mA
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz, IO = 500 mA
68
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10 Hz to 100 kHz
10
µV/VO
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 35 V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
ΔVO/ΔT Output voltage drift
-1.1
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com