| Moteur de recherche de fiches techniques de composants électroniques |
|
MIL-R-83401 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MIL-R-83401 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 5 page ![]() MODEL L SERIES L Series www.bitechnologies.com www.irctt.com www.welwyn-tt.com General Note TT electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT electronics’ own data and is considered accurate at time of going to print. © TT electronics plc 03.12 Outline Dimensions (Inch/mm) Schematics No. of Leads .100 ± .005 2.54 ± 0.13 Pitch. Non- Accumulative .020 ± .004 0.51 ± 0.10 .012 ± .003 0.31 ± 0.08 Centered on Package .140 ± .020 3.56 ± 0.51 Max. “L” Max. Max. 12 34 n -3 Circuit Isolated Resistors -5 Circuit Dual Terminator 12 34 R1 R2 n 12 34 n -1 Circuit Bussed Resistors # of Leads 4 5 6 7 8 9 10 11 12 13 14 Dim. “L” Max. .40 10.16 .50 12.70 .60 15.24 .70 17.78 .80 20.32 .90 22.86 1.00 25.40 1.10 27.94 1.20 30.48 1.30 33.02 1.40 35.56 .200 .098 5.08 2.5 |