Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7815CV-DG Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L7815CV-DG
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815CV-DG Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L7815CV-DG Datasheet HTML 35Page - STMicroelectronics L7815CV-DG Datasheet HTML 36Page - STMicroelectronics L7815CV-DG Datasheet HTML 37Page - STMicroelectronics L7815CV-DG Datasheet HTML 38Page - STMicroelectronics L7815CV-DG Datasheet HTML 39Page - STMicroelectronics L7815CV-DG Datasheet HTML 40Page - STMicroelectronics L7815CV-DG Datasheet HTML 41Page - STMicroelectronics L7815CV-DG Datasheet HTML 42Page - STMicroelectronics L7815CV-DG Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DocID2143 Rev 32
39/58
Positive voltage regulator ICs
Package mechanical data
58
Table 19. TO-220 (dual gauge) mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58