| Moteur de recherche de fiches techniques de composants électroniques |
|
L7815CV Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7815CV Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 58 page ![]() Packaging mechanical data Positive voltage regulator ICs 54/58 DocID2143 Rev 32 Table 25. DPAK and D²PAK tape and reel mechanical data Tape Reel Dim. mm Dim. mm Min. Max. Min. Max. A0 6.8 7 A 330 B0 10.4 10.6 B 1.5 B1 12.1 C 12.8 13.2 D 1.5 1.6 D 20.2 D1 1.5 G 16.4 18.4 E 1.65 1.85 N 50 F 7.4 7.6 T 22.4 K0 2.55 2.75 P0 3.9 4.1 Base qty. 2500 P1 7.9 8.1 Bulk qty. 2500 P2 1.9 2.1 R40 T 0.25 0.35 W 15.7 16.3 |