| Moteur de recherche de fiches techniques de composants électroniques |
|
L78 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 58 page ![]() DocID2143 Rev 32 33/58 Positive voltage regulator ICs Application information 58 Note: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO. Figure 25. Adjustable output voltage with temperature compensation Figure 26. Light controllers (VO(min) = VXX + VBE) |