| Moteur de recherche de fiches techniques de composants électroniques |
|
AI-2604-TT-R Fiches technique(PDF) 1 Page - Projects Unlimited, Inc. |
|
|
|||||||||||||||||||||||||||||
AI-2604-TT-R Fiches technique(HTML) 1 Page - Projects Unlimited, Inc. |
|
|
1 / 1 page ![]() Indicator AI-2604-TT-R J.D. B.R. R.W. 2/5/2008 - Designed by Checked by Approved by Drawn Date 1 / 1 Edition Sheet Date 10/19/2006 Date 10/20/2006 Date 10/20/2006 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MILLIMETERS, TOLERANCES ARE ±0.5 AND ANGLES ARE ±3°. AI-2604-TT-R.idw A3 SIZE REVISION HISTORY LTR DESCRIPTION DATE APPROVED - RELEASED FROM ENGINEERING 10/19/2006 A ADDED PIN LAYOUT AND IDENTIFICATION 8/01/2007 R.W. B REVISED TO INVENTOR 3-D DRAWING TEMPLATE 2/05/2008 B.R. SPECIFICATIONS PARAMETERS VALUES UNITS RATED VOLTAGE 12 Vdc OPERATING VOLTAGE RANGE 8 ~ 16 Vdc RATED CURRENT (MAX) 50 mA MINIMUM SPL @ 10 CM 95 dBA RESONANT FREQUENCY 400 ± 100 Hz TONE OR PULSE RATE CONTINUOUS 0 pulse /sec OPERATING TEMPERATURE -20 ~ +60 °C STORAGE TEMPERATURE -30 ~ +70 °C HOUSING MATERIAL ABS - TERMINAL MATERIAL Sn PLATED COPPER - WEIGHT 17 grams THIS DOCUMENT CONTAINS DATA PROPRIETARY TO PROJECTS UNLIMITED, INC. ANY USE OR REPRODUCTION, IN ANY FORM, WITHOUT PRIOR WRITTEN PERMISSION OF PROJECTS UNLIMITED, INC. IS PROHIBITED. ©2003, Projects Unlimited Inc. NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS. 2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE. 3. THIS PART IS RoHS 2002/95/EC COMPLIANT. 4. THE - IS GROUND, THE + IS Vdc, AND THE C IS CONTROL LINE SWITCHED Vdc. 26 26 20.5 Ø 3.5 19.7 8 9.5 19 n1 (4) |
Numéro de pièce similaire - AI-2604-TT-R |
|
Description similaire - AI-2604-TT-R |