| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70SS3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp. |
|
|
|||||||||||||||||||||||||||||
BAS70SS3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp. |
|
1 / 6 page ![]() CYStech Electronics Corp. Spec. No. : C248S3 Issued Date : 2012.07.09 Revised Date : Page No. : 1/6 BAS70S3/BAS70AS3/BAS70CS3/BAS70SS3 CYStek Product Specification Small Signal Schottky (double) diodes BAS70S3/BAS70AS3 BAS70CS3/BAS70SS3 Description Planar silicon Schottky barrier diodes encapsulated in a SOT-323 very small plastic SMD package. Single diodes and double diodes with different pinning are available. Features •Guard ring protected •Low forward voltage drop •Very small plastic SMD package •Pb-free package Applications •Ultra high-speed switching •Voltage clamping •Protection circuits •Blocking diodes Pinning Outline Description Pin BAS70 BAS70A BAS70C BAS70S 1 A K1 A1 A1 2 NC K2 A2 K2 3 K A1,A2 K1,K2 K1,A1 2 3 1 N.C. 12 3 1 2 3 3 2 1 SOT-323 1 2 3 (1) BAS70 (2)BAS70A Marking: Type Marking Code BAS70 S3 K73 BAS70AS3 K76 (3)BAS70C (4)BAS70S BAS70CS3 K75 BAS70SS3 K74 Diode configuration and symbol |
Numéro de pièce similaire - BAS70SS3 |
|
Description similaire - BAS70SS3 |