| Moteur de recherche de fiches techniques de composants électroniques |
|
SK36L-SMC-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SK36L-SMC-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD SK36 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R601-069.a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC SK36 is a Schottky Rectifier with high current capacity, ultra low thermal resistance, Low reverse leakage and low forward voltage. The UTC SK36 is suitable for surface mount applications. FEATURES * High Current Capability * Low Forward Voltage * Low Reverse Leakage SYMBOL SMC + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 SK36L-SMC-R SK36G-SMC-R SMC K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode SK36L-SMC-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMC: SMC (3) G: Halogen Free, L: Lead Free (3)Lead Free |
Numéro de pièce similaire - SK36L-SMC-R |
|
Description similaire - SK36L-SMC-R |