| Moteur de recherche de fiches techniques de composants électroniques |
|
SD103AWSG-CB2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SD103AWSG-CB2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD SD103AWS DIODE www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R601-082,A SCHOTTKY BARRIER SWITCHING DIODE FEATURES * Low Forward Voltage Drop * Fast Switching * Negligible Reverse Recovery Time * Low Reverse Capacitance * Designed for Surface Mount Application * PN Junction Guard Ring for Transient and ESD Protection SYMBOL ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 SD103AWSL-CB2-R SD103AWSG-CB2-R SOD-323 A K Tape Reel MARKING |
Numéro de pièce similaire - SD103AWSG-CB2-R |
|
Description similaire - SD103AWSG-CB2-R |