| Moteur de recherche de fiches techniques de composants électroniques |
|
SB240L-CA2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SB240L-CA2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD SB240 Preliminary DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-199.b 2.0A SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC SB240 is a Schottky Rectifier with high current capacity and low forward voltage. The UTC SB240 is suitable for polarity protection ,low voltage and high frequency inverters and free wheeling applications FEATURES * High Current Capability * Low Forward Voltage DO-41 SMB (JEDEC DO-214AA) + - SOD-123 SOD-323 + - + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 SB240L-SMB-R SB240G-SMB-R SMB K A Tape Reel SB240L-CA2-R SB240G-CA2-R SOD-123 K A Tape Reel SB240L-CB2-R SB240G-CB2-R SOD-323 K A Tape Reel SB240L-Z41-R SB240G-Z41-R DO-41 K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode (1) R: Tape Reel (2) SMB: SMB, CA2: SOD-123, CB2: SOD-323 Z41: DO-41 (3) L: Lead Free, G: Halogen Free SB240L-SMB-R (1)Packing Type (2)Package Type (3)Lead Free MARKING INFORMATION PACKAGE MARKING SMB Date Code Cathode Band for uni-directional Only UTC SB240 L: Lead Free G: Halogen Free SOD-123 SOD-323 B2 Lead Free |
Numéro de pièce similaire - SB240L-CA2-R |
|
Description similaire - SB240L-CA2-R |