| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBD4148G-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MMBD4148G-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD MMBD4148 DIODE www.unisonic.com.tw 1 of 4 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R601-088, A HIGH-SPEED SWITCHING DIODE DESCRIPTION The UTC MMBD4148 is designed for high-speed switching application in hybrid thick-and thin-film circuits. The devices is manufactured by the silicon epitaxial planar process and packed in plastic surface mount package. FEATURES * Ultra-high speed * Low forward voltage * Fast reverse recovery time SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MMBD4148L-AE3-R MMBD4148G-AE3-R SOT-23 NC A C Tape Reel Note: Pin assignment: A: Anode C: Cathode NC: No Connection MARKING |
Numéro de pièce similaire - MMBD4148G-AE3-R |
|
Description similaire - MMBD4148G-AE3-R |