| Moteur de recherche de fiches techniques de composants électroniques |
|
TS190LPTR Fiches technique(PDF) 4 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
TS190LPTR Fiches technique(HTML) 4 Page - Clare, Inc. |
|
4 / 8 page ![]() www.clare.com 4 TS190L Rev. 4 PERFORMANCE DATA* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. TS190L Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25 °C; IF = 5mADC) 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V) TS190L Typical On-Resistance Distribution (N=50 Ambient Temperature = 25 °C) (Load Current = 150mADC; I F = 5mADC) 35 30 25 20 15 10 5 0 17.5 19.5 21.5 23.5 18.5 20.5 22.5 On-Resistance ( Ω) TS190L Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25 °C) 35 30 25 20 15 10 5 0 448 464 480 496 456 472 488 Blocking Voltage (V) TS190L Typical IF for Switch Operation (N=50 Ambient Temperature = 25 °C) (Load Current = 150mADC) 1.55 2.15 2.75 1.25 1.85 2.45 3.05 LED Current (mA) 25 20 15 10 5 0 TS190L Typical IF for Switch Dropout (N=50 Ambient Temperature = 25 °C; Load Current = 150mADC) 25 20 15 10 5 0 1.25 1.85 2.45 0.95 1.55 2.15 2.75 LED Current (mA) TS190L Typical Turn-On Time (N=50 Ambient Temperature = 25 °C) (Load Current = 150mADC; IF = 5mADC) 0.15 0.27 0.39 0.51 0.21 0.33 0.45 Turn-On (ms) 25 20 15 10 5 0 TS190L Typical Turn-Off Time (N=50 Ambient Temperature = 25 °C) (Load Current = 150mADC; IF = 5mADC) 0.038 0.052 0.066 0.080 0.073 0.059 0.045 Turn-Off (ms) 25 20 15 10 5 0 TS190L Typical Load Current vs. Temperature Temperature ( °C) 300 250 200 150 100 50 0 -40 -20 0 20 40 60 80 120 100 20mA 10mA 5mA TS190L Typical Leakage vs. Temperature (Measured across Pins 7 & 8) Temperature ( °C) -40 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0 -20 0 20 40 60 80 100 TS190L Typical Blocking Voltage vs. Temperature Temperature ( °C) -40 490 485 480 475 470 465 460 455 450 445 -20 0 20 40 60 80 100 TS190L Typical Turn-On vs. Temperature (Load Current = 150mADC) Temperature ( °C) -40 1.50 1.25 1.00 0.75 0.50 0.25 0 -20 0 20 40 60 80 100 5mA 10mA 20mA TS190L Typical Turn-Off vs. Temperature (Load Current = 150mADC) Temperature ( °C) -40 0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 -20 0 20 40 60 80 100 5mA |