| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54TSL-CC2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54TSL-CC2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54TS Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R601-068.b SURFACE MOUNT SCHOTTKY BARRIER DESCRIPTION The UTC BAT54TS is a Schottky Barrier Rectifier with high switching speed, ESD protection and low forward voltage. FEATURES * High switching speed * Low Forward voltage SYMBOL SOD-523 1 2 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 BAT54TSL-CC2-R BAT54TSG-CC2-R SOD-523 A K Tape Reel Note: Pin Assignment: A: Anode, K: Cathode BAT54TSL-CC2-R (1) Packing Type (2) Package Type (3) Halogen Free (1) R: Tape Reel (2) CC2 : SOD-523 (3) G: Halogen Free, L: Lead Free MARKING E4 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - BAT54TSL-CC2-R |
|
Description similaire - BAT54TSL-CC2-R |