| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70WL-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAS70WL-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAS70xW DIODE www.unisonic.com.tw 1 of 4 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R601-080. B SCHOTTKY BARRIER DIODES DESCRIPTION Planar Schottky barrier diodes encapsulated in the SOT-323 small plastic SMD package. Single diode and dual diodes with different pin configuration are available. FEATURES * Low Turn-on voltage * Fast switching * Ultra-small surface mount package * Also available in lead free version ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BAS70WL-AL3-R BAS70WG-AL3-R SOT-323 x A K Tape Reel BAS70AWL-AL3-R BAS70AWG-AL3-R SOT-323 K1 K2 A2A1 Tape Reel BAS70CWL-AL3-R BAS70CWG-AL3-R SOT-323 A1 A2 K2K1 Tape Reel BAS70SWL-AL3-R BAS70SWG-AL3-R SOT-323 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x: NC |
Numéro de pièce similaire - BAS70WL-AL3-R |
|
Description similaire - BAS70WL-AL3-R |