| Moteur de recherche de fiches techniques de composants électroniques |
|
218-2LPSTR Fiches technique(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
218-2LPSTR Fiches technique(HTML) 2 Page - CTS Corporation |
|
2 / 2 page ![]() Ordering Information 218 LP S T J XX: NO. OF POSITIONS LP: LOW PROFILE ACTUATOR T : TOP TAPE SEAL S: BOTTOM SEAL J: J BEND TERMINAL 12 F "A" OVERALL DIMENSIONS NO. OF SWITCH POSITIONS 3.71/.146 6.25/.246 8.79/.346 11.33/.446 13.87/.546 2 4 6 8 10 0.76 1.27 5.37 0.51 1.27 0.45 1.27 TYP. TYP. DIM "A" MOUNTING SURFACE 5.8 ON CTS 1 2 11 12 TRAVEL 0.6 SURFACE MOUNT PAD LAYOUT 3.20±0.15 6.05 +0.15 -0.08 0.9 2.7 .030 .211 .050 TABLE 1 REF. 12 16.41/.646 CTS SERIES 218LPJ - "J" Bend Terminal .024 .050 .018 .228 .035 .126±.006 .238 +.006 -.003 .106 TYP. .050 .021 MAX. CTS SERIES 218LP - Gull Wing Terminal SURFACE MOUNT PAD LAYOUT .030 0.76 0.51 .020 1.27 .050 8.89 .350 1.27 .050 .050 1.27 1 ON REF. 0.6 .024 TRAVEL .018 0.45 MOUNTING SURFACE DIM "A" TYP. 2 11 12 .004±.004 0.10±0.10 STAND OFF CTS .332±.008 16.41/.646 3.71/.146 8.79/.346 11.33/.446 13.87/.546 6.25/.246 DIMENSIONS "A" OVERALL NO. OF SWITCH POSITIONS 8 12 10 2 6 4 TABLE 2 8.44±0.20 2.65 .104 MAX. .020 0.5 .228 5.80 BLANK: SHIP AT ON POSITION F: SHIP AT OFF POSITION R R : TAPE AND REEL PACKAGING DIMENSION: mm inch – TYP. TYP. BLANK : GULL WING TERMINAL BLANK : ANTI-STATIC TUBE PACKAGING CTS Electronic Components www.ctscorp.com © 2008 CTS Corporation. All rights reserved. Information subject to change. 12/30/08 BLANK : NO TOP TAPE SEAL |