| Moteur de recherche de fiches techniques de composants électroniques |
|
SCPB2012W331MPF Fiches technique(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SCPB2012W331MPF Fiches technique(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 7 page ![]() Chip Ferrite Bead for Automotive Applications Qualified based on AEC-Q200 Revision February 13, 2014 4 / 7 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SCGB-W SCHB-W & SCPB-W Series SOCAY Electronics Co., Ltd. www.socay.com n High Current Chip Ferrite Bead SCPB1005-W Series Part Number Impedance ( Ω) ±25% Test Freq. (MHz) DCR ( Ω) (Max.) Rated Current (mA) SCPB1005W100LPF 10 100 0.05 1000 SCPB1608-W Series Part Number Impedance ( Ω) ±25% Test Freq. (MHz) DCR ( Ω) (Max.) Rated Current (mA) SCPB1608W300LPF 30 100 0.05 1000 SCPB1608W600LPF 60 100 0.10 1000 SCPB1608W121NPF 120 100 0.05 2000 SCPB1608W181MPF 180 100 0.09 1500 SCPB1608W221MPF 220 100 0.10 1500 SCPB1608W301MPF 300 100 0.15 1500 SCPB1608W471LPF 470 100 0.20 1000 SCPB2012-W Series Part Number Impedance ( Ω) ±25% Test Freq. (MHz) DCR ( Ω) (Max.) Rated Current (mA) SCPB2012W310QPF 31 100 0.015 3000 SCPB2012W600QPF 60 100 0.026 3000 SCPB2012W221NPF 220 100 0.050 2000 SCPB2012W331MPF 330 100 0.090 1500 SCPB3216-W Series Part Number Impedance ( Ω) ±25% Test Freq. (MHz) DCR ( Ω) (Max.) Rated Current (mA) SCPB3216W500QTF 50 100 0.025 3000 SCPB3216W121QTF 120 100 0.026 3000 SCPB3216W601MTF 600 100 0.090 1500 SCPB4516-W Series Part Number Impedance ( Ω) ±25% Test Freq. (MHz) DCR ( Ω) (Max.) Rated Current (mA) SCPB4516W600WTF 60 100 0.010 6000 ** For special part number which is not shown in the above table, please refer to appendix. Electrical Characteristics (Continue) |