| Moteur de recherche de fiches techniques de composants électroniques |
|
MGBR5S45L-SMC-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR5S45L-SMC-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR5S45 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-206.b MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR5S45 is a surface mount mos gated barrier rectifier, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Super low forward voltage drop * High switching speed SYMBOL TO-277 SMC ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MGBR5S45L-T27-R MGBR5S45G-T27-R TO-277 A K A Tape Reel MGBR5S45L-SMC-R MGBR5S45G-SMC-R SMC K A - Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode MARKING INFORMATION PACKAGE MARKING TO-277 SMC Date Code Cathode Band for uni-directional Only UTC MGBR5S45 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - MGBR5S45L-SMC-R |
|
Description similaire - MGBR5S45L-SMC-R |