| Moteur de recherche de fiches techniques de composants électroniques |
|
MGBR2U40L-SMB-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR2U40L-SMB-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR2U40 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-197.a MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR2U40 is a surface mount mos gated barrier rectifier, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed etc. The UTC MGBR2U40 suitable for supply applications. FEATURES * Ultra low forward voltage drop * High switching speed SYMBOL SMB + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 MGBR2U40L-SMB-R MGBR2U40G-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) R: Tape Reel (2) SMB: SMB (3) L: Lead Free, G:Halogen Free MGBR2U40L-SMB-R (1)Packing Type (2)Package Type (3)Lead Free MARKING INFORMATION PACKAGE MARKING SMB Date Code Cathode Band for uni-directional Only UTC MGBR2U40 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - MGBR2U40L-SMB-R |
|
Description similaire - MGBR2U40L-SMB-R |