| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR145G-Z41-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR145G-Z41-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MBR145 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-200.c 1.0A SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC MBR145 is a 1.0A schottky barrier rectifier, it uses UTC’s advanced technology to provide the customers with high surge capability, high efficiency, high current capability, low power loss and low forward voltage drop, etc. The UTC MBR145 is suitable for free wheeling and polarity protection, etc. FEATURES * Low Reverse Current * Low Stored Charge, Majority Carrier Conduction * Low Power Loss/High Efficiency * Highly Stable Oxide Passivated Junction SYMBOL DO-41 SOD-123 SOD-323 + - + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 MBR145L-CA2-R MBR145G-CA2-R SOD-123 K A Tape Reel MBR145L-CB2-R MBR145G-CB2-R SOD-323 K A Tape Reel MBR145L-Z41-R MBR145G-Z41-R DO-41 K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode (1) R: Tape Reel (2) CA2: SOD-123, CB2: SOD-323, Z41: DO-41 (3) L: Lead Free, G: Halogen Free SB145L-CA2-R (1)Packing Type (2)Package Type (3)Lead Free MARKING INFORMATION PACKAGE MARKING SOD-123 SOD-323 DO-41 MBR145 Date Code L: Lead Free G: Halogen Free Cathode Band for uni-directional Only |
Numéro de pièce similaire - MBR145G-Z41-R |
|
Description similaire - MBR145G-Z41-R |