| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV20WL-CA2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAV20WL-CA2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAV20W Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-205.a SILICON EPITAXIAL PLANAR DIODE DESCRIPTION The UTC BAV20W is a silicon epitaxial planar diode. The UTC BAV20W is suitable for general purpose application. FEATURES * Planar diode * For general purpose application * Low leakage current SOD-123 + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 BAV20WL-CA2-R BAV20WG-CA2-R SOD-123 K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode (1) R: Tape Reel (2) CA2: SOD-123 (3) L: Lead Free, G: Halogen Free BAV20WL-CA2-R (1)Packing Type (2)Package Type (3)Lead Free MARKING INFORMATION PACKAGE MARKING SOD-123 V20 Lead Free |
Numéro de pièce similaire - BAV20WL-CA2-R |
|
Description similaire - BAV20WL-CA2-R |