Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZACT Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce EZACT
Description  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZACT Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  EZACT Datasheet HTML 1Page - Panasonic Semiconductor EZACT Datasheet HTML 2Page - Panasonic Semiconductor EZACT Datasheet HTML 3Page - Panasonic Semiconductor EZACT Datasheet HTML 4Page - Panasonic Semiconductor EZACT Datasheet HTML 5Page - Panasonic Semiconductor EZACT Datasheet HTML 6Page - Panasonic Semiconductor EZACT Datasheet HTML 7Page - Panasonic Semiconductor EZACT Datasheet HTML 8Page - Panasonic Semiconductor EZACT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
1M
10M
100M
1G
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
1M
10 M
100 M
1 G
3G
100M
3G
1G
10M
1M
1M
10M
100M
1G
3G
0
10
20
30
40
50
10
0
–10
–20
–30
–40
–50
100
/10p
F
100
/22p
F
100
/22p
F
100
/ 100
pF
100
/47p
F
1k
/330
pF
1k
/ 1000
pF
100
/ 100
pF
100
/22p
F
100
/47p
F
Measurement Circuit
~
50
50
EZACT
EZADT
EZAST
EZASTB
EZANT
100
80
60
40
20
0
30
010 20 30 4050 6070 8090
Ambient Temperature (
°C)
70
°C
85
°C
20
10
■ Attenuation Characteristics
●EZACT
●EZST • EZASTB
●EZADT
(1) For resistors operated in ambient temperature above 70 °C, rated power shall be derated. (“Power Derating Curve” is shown below)
(2) Rated Voltage for resistor shall be determined from
Rated Power Resistance Value, or Limiting Element Voltage (Max. Rated Continuous Working
Voltage) whichever less.
(3) In measuring at 1 MHz, Capacitance and Dissipation Factor are different.
■ Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Item
Specification
Resistance Values
10
to 100 k
EZAC Standard : 10
, 22
, 47
, 100
, 220
, 470
, 1 k
EZAD/S/N Standard : 22
, 47
, 100
, 220
, 470
, 1 k
Resistance Tolerance
±5 %
Temperature Coefficient of Resistance (T.C.R.)
±200
10
–6/°C(ppm/°C)
Rated Power
EZAC : 0.031 W(
<70 °C
(1))
EZAD/S/N : 0.063 W(
<70 °C
(1))
Limiting Element Voltage (Maximum Rated Continuous Working Voltage)
25 V
(2)
Capacitance Values
(25 °C, 1 kHz
(3), 1 Vrms)
EZAC : 10 pF to 33 pF
Standard : 10 pF, 22 pF
EZAD : 10 pF to 100 pF
EZAS : 10 pF to 180 pF
Standard : 22 pF, 47 pF, 100 pF
EZAN : 220 pF to 1000 pF
Standard : 220 pF, 470 pF, 1000 pF
Capacitance Tolerance
+30 %/–20 %
Capacitance Temperature Characteristics
E Characteristic: +20 %/–55 %(–25 to +85 °C)
Dissipation Factor
Less than 3 %(25, 1 kHz
(3), 1 Vrms)
Rated Voltage
EZAC, EZAD : 12 V
EZAS : 25 V
EZAN : 50 V
Category Temperature Range (Operating Temperature Range)
–25 °C to +85 °C
●EZANT
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com