Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5320 Fiches technique(PDF) 28 Page - Cirrus Logic

No de pièce CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Fiches technique(HTML) 28 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 24Page - Cirrus Logic CS5320 Datasheet HTML 25Page - Cirrus Logic CS5320 Datasheet HTML 26Page - Cirrus Logic CS5320 Datasheet HTML 27Page - Cirrus Logic CS5320 Datasheet HTML 28Page - Cirrus Logic CS5320 Datasheet HTML 29Page - Cirrus Logic CS5320 Datasheet HTML 30Page - Cirrus Logic CS5320 Datasheet HTML 31Page - Cirrus Logic CS5320 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
CS5320/21/22
28
DS454PP1
2.18 Board Layout Considerations
All of the 0.1
µF filter capacitors on the power sup-
plies, AIN+, and AINR, should be placed very
close to the chip and connect to the nearest ground
pin on the device. The capacitors between VREF+
and VREF- should be located as close to the chip as
possible. The 0.l
µF capacitors on the AIN+ and
AINR pins should be placed with their leads on the
same axis, not side-by-side. If these capacitors are
placed side-by-side their electric fields can interact
and cause increased distortion. The chip should be
surrounded with a ground plane. Trace fill should
be used around the analog input components.
See AN18: Layout and Design Rules for Data Con-
verters for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38