| Moteur de recherche de fiches techniques de composants électroniques |
|
CS494502 Fiches technique(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS494502 Fiches technique(HTML) 36 Page - Cirrus Logic |
|
36 / 100 page ![]() 36 from either an external microcontroller or through one of the boot procedures listed in Section 8. 3. TYPICAL CONNECTION DIAGRAMS Four typical connection diagrams have been presented to illustrate using the part with the different communication modes available. They are as follows: Figure 27, "SPI Control with External Memory - 144 Pin Package" on page 38. Figure 28, "Intel® Parallel Control Mode - 144 Pin Package" on page 39. Figure 29, "Motorola® Parallel Control Mode - 144 Pin Package" on page 40. The following should be noted when viewing the typical connection diagrams: Note: The pins are grouped functionally in each of the typical connection diagrams. Please be aware that the CS49400 symbol may appear differently in each diagram. The external memory interface is supported when a serial or parallel communication mode has been chosen. 3.1 Multiplexed Pins The CS49400 incorporates a large amount of flexibility into a 144 pin package. The pins are internally multiplexed to serve multiple purposes. Some pins are designed to operate in one mode at power up, and serve a different purpose when the DSP is running. Other pins have functionality which can be controlled by the application running on the DSP. In order to better explain the behavior of the part, the pins which are multiplexed have been given multiple names. Each name is specific to the pin’s operation in a particular mode. In this document, pins will be referred to by their functionality. Section 12 “Pin Description” on page 86 describes each pin of the CS49400 and lists all of its names. Please refer to this section when exact pin numbers are in question. 3.2 Termination Requirements The CS49400 incorporates open drain pins which must be pulled high for proper operation. FINTREQ and INTREQ are always open drains which requires a pull-up for proper operation. Due to the internal, multiplexed design of the pins, certain signals may or may not require termination depending on the mode being used. If a parallel host communication mode is not being used, all parallel control pins must be terminated or driven as these pins will come up as high impedance inputs and will be prone to oscillation if they are left floating. The specific termination requirements may vary since the state of some of the GPIO pins will determine the communication mode at the rising edge of reset (please see Section 6 “Control” on page 41 for more information). For the explicit termination requirements of each communication mode please see the typical connection diagrams. Generally a 3.3k Ohm resistor is recommended for open drain and mode select pins. A 10k Ohm resistor is sufficient for all other unused inputs. 3.3 Phase Locked Loop Filter The internal phase locked loop (PLL) of the CS49400 requires an external filter. The topology of this filter is shown in the typical connection diagrams. The component values are shown below. Care should be taken when laying out the filter circuitry to minimize trace lengths and to avoid any high frequency signals. Any noise coupled onto the filter circuit will be directly coupled into the PLL, which could affect performance. Reference Designator Value C1 2.2uF C2 1200pF C3 68pF R1 3k Ohm Table 1. PLL Filter Component Values |