| Moteur de recherche de fiches techniques de composants électroniques |
|
CS494002 Fiches technique(PDF) 85 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS494002 Fiches technique(HTML) 85 Page - Cirrus Logic |
|
85 / 100 page ![]() 85 0x00100000 0x81000008 0x00100000 Concatenating the messages together gives the hardware configuration message shown in Table 31, “Example Values to be Sent to DSPAB After Download or Soft Reset,” on page 85, which should be sent to DSPAB after download or soft reset. Table 32, “Example Values to be Sent to DSPC After Download or Soft Reset,” on page 85, which should be sent to DSPC after download or soft reset. WORD# VALUE WORD# VALUE 1 0x800210 7 0x80021A Table 31. Example Values to be Sent to DSPAB After Download or Soft Reset 2 0x3FBFC0 8 0x8080FF 3 0x800110 9 0x800117 4 0xC0002C 10 0x001000 5 0x800217 11 0x80011A 6 0x8080FF 12 0x001800 WORD# VALUE WORD# VALUE 1 0x81000006 12 0x81000007 2 0x00101700 13 0x00100000 3 0x81000006 14 0x81000008 4 0x00100000 15 0x00100000 Table32. ExampleValues to beSent to DSPC After Download or Soft Reset Table31. ExampleValues to beSent to DSPAB After Download or Soft Reset |