Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS49310 Fiches technique(PDF) 50 Page - Cirrus Logic

No de pièce CS49310
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49310 Fiches technique(HTML) 50 Page - Cirrus Logic

Back Button CS49310 Datasheet HTML 46Page - Cirrus Logic CS49310 Datasheet HTML 47Page - Cirrus Logic CS49310 Datasheet HTML 48Page - Cirrus Logic CS49310 Datasheet HTML 49Page - Cirrus Logic CS49310 Datasheet HTML 50Page - Cirrus Logic CS49310 Datasheet HTML 51Page - Cirrus Logic CS49310 Datasheet HTML 52Page - Cirrus Logic CS49310 Datasheet HTML 53Page - Cirrus Logic CS49310 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
CS49300 Family DSP
50
DS339PP4
one application code image residing in each 32
kilobyte page.
Paging of the external memory is handled entirely
by the host controller. The host controller should
directly control all address bits outside of the
memory space to be used by the DSP. As 32
kilobyte pages are desired to hold each application
code, the DSP would need 15 bits for the address
space. The system designer would connect the 15
address signals from the address latches while the
host would directly control all address signals
above 15 bits to page the memory accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86