| Moteur de recherche de fiches techniques de composants électroniques |
|
AT25DF161-MH-T Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT25DF161-MH-T Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 52 page ![]() 4 AT25DF161 Figure 2-1. Pin Configurations 3. Block Diagram Figure 3-1. Block Diagram 4. Memory Array To provide the greatest flexibility, the memory array of the AT25DF161 can be erased in four levels of granularity including a full chip erase. In addition, the array has been divided into physical sectors of uniform size, of which each sector can be individually protected from program and erase operations. The size of the physical sectors is optimized for both code and data storage applications, allowing both code and data segments to reside in their own isolated regions. The Memory Architecture Diagram illustrates the breakdown of each erase level as well as the breakdown of each physical sector. VCC HOLD SCK SI (SIO) 2 1 8-SOIC Top View CS SO (SOI) WP GND 8-UDFN 5 6 7 8 4 3 VCC HOLD SCK SI (SIO) 2 1 Top View CS SO (SOI) WP GND 5 6 7 8 4 3 CS SCK SI (SIO) SO (SOI) WP HOLD INTERFACE CONTROL AND LOGIC CONTROL AND PROTECTION LOGIC I/O BUFFERS AND LATCHES SRAM DATA BUFFER Y-GATING FLASH MEMORY ARRAY Y-DECODER X-DECODER 3687H–DFLASH–5/2013 |