| Moteur de recherche de fiches techniques de composants électroniques |
|
CS43L41 Fiches technique(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L41 Fiches technique(HTML) 30 Page - Cirrus Logic |
|
30 / 36 page ![]() CS43L41 30 DS473PP1 LRCK SCLK Left Channel Right Channel SDATA +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 -5 +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 Internal SCLK Mode External SCLK Mode I2S, Up to 24-Bit data and INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 I2S, up to 24-Bit DataData Valid on Rising Edge of SCLK Figure 20. CS43L41 Format 0 (I2S) LRCK SCLK Left Channel Right Channel SDATA +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 -5 +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 Internal SCLK Mode External SCLK Mode I2S, 16-Bit data and INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128I2S, Up to 24-Bit data and INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 I2S, up to 24-Bit DataData Valid on Rising Edge of SCLK Figure 21. CS43L41 Format 1 (I2S) LRCK SCLK Left Channel Right Channel SDATA +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 -5 +3 +2 +1 LSB +5 +4 MSB -1 -2 -3 -4 Internal SCLK Mode External SCLK Mode Left Justified, up to 24-Bit DataINT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192 Left Justified, up to 24-Bit DataData Valid on Rising Edge of SCLK Figure 22. CS43L41 Format 2 |