| Moteur de recherche de fiches techniques de composants électroniques |
|
L9733XP Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9733XP Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 34 page ![]() L9733 Serial peripheral interface (SPI) Doc ID 11319 Rev 11 23/34 Table 10. Command register logic definition Bit State Status Writing mode b0-b7 0 OUT1 - OUT8 are commanded off Output b0-b7 1 OUT1 - OUT8 are commanded on Output b0-b7 0 OUT1 - OUT8 diagnostic is No Latch Mode Diag b0-b7 1 OUT1 - OUT8 diagnostic is Latch Mode Diag b0-b7 0 OUT1 - OUT8 switching OFF overcurrent protection Protection b0-b7 1 OUT1 - OUT8 linear overcurrent protection Protection |