| Moteur de recherche de fiches techniques de composants électroniques |
|
CS4329 Fiches technique(PDF) 21 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4329 Fiches technique(HTML) 21 Page - Cirrus Logic |
|
21 / 36 page ![]() Preliminary Product Information This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice. 21 Copyright © Cirrus Logic, Inc. 1997 (All Rights Reserved) Cirrus Logic, Inc. Crystal Semiconductor Products Division P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.crystal.com CDB4329 CDB4390 Evaluation Board for CS4329 and CS4390 Features l Demonstrates recommended layout and grounding arrangements l CS8412 Receives AES/EBU, S/PDIF, & EIAJ-340 Compatible Digital Audio l Digital and Analog Patch Areas l Requires only a digital signal source and power supplies for a complete Digital-to- Analog-Converter system Description The CDB4329/90 evaluation board is an excellent means for quickly evaluating the CS4329 or CS4390 24- bit, stereo D/A converter. Evaluation requires an analog signal analyzer, a digital signal source and a power sup- ply. Analog outputs are provided via RCA connectors for both channels. The CS8412 digital audio receiver I.C. provides the sys- tem timing necessary to operate the CS4329/90 and will accept AES/EBU, S/PDIF, and EIAJ-340 compatible audio data. The evaluation board may also be config- ured to accept external timing signals for operation in a user application during system development. ORDERING INFO CDB4329 CDB4390 I I/O for Clocks and Data CS8412 Digital Audio Interface CS4329 or CS4390 Analog Filter NOV ‘97 DS153DB3 |