| Moteur de recherche de fiches techniques de composants électroniques |
|
CS4327 Fiches technique(PDF) 21 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4327 Fiches technique(HTML) 21 Page - Cirrus Logic |
|
21 / 36 page ![]() Features • Demonstrates recommended layout and grounding arrangements • CS8412 Receives AES/EBU, S/PDIF, & EIAJ-340 Compatible Digital Audio • Digital and Analog Patch Areas • Requires only a digital signal source and power supplies for a complete Digital-to-Analog-Converter system General Description The CDB4327 evaluation board is an excellent means for quickly evaluating the CS4327 20-bit, stereo D/A converter. Evaluation requires an analog signal ana- lyzer, a digital signal source and a power supply. Analog outputs are provided via RCA connectors for both channels. The CS8412 digital audio receiver I.C. provides the system timing necessary to operate the CS4327 and will accept AES/EBU, S/PDIF, and EIAJ-340 compat- ible audio data. The evaluation board may also be configured to accept external timing signals for opera- tion in a user application during system development. ORDERING INFORMATION: CDB4327 Evaluation Board for CS4327 CDB4327 I/O for Clocks and Data CS8412 Digital Audio Interface CS4327 Analog Filter Copyright © Cirrus Logic, Inc. 1997 (All Rights Reserved) Cirrus Logic, Inc. Crystal Semiconductor Products Division P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.crystal.com DEC ’95 DS190DB1 21 |