| Moteur de recherche de fiches techniques de composants électroniques |
|
UMY1NG-AL5-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UMY1NG-AL5-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UMY1N Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R222-006.a DUAL TRANSISTOR DESCRIPTION The UTC UMY1N is a dual transistor, including a NPN and a PNP which have common emitters. it uses UTC’s advanced technology to provide customers with high DC current gain, etc. FEATURES * PNP and NPN transistors have common emitters * High DC current gain EQUIVALENT CIRCUIT ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 UMY1NL-AL5-R UMY1NG-AL5-R SOT-353 B1 E1, E2 B2 C2 C1 Tape Reel UMY1NL-AL5-R (1)Packing Type (2)Package Type (3)Lead Free (1) R: Tape Reel (2) AL5: SOT-353 (3) L: Lead Free, G: Halogen Free MARKING INFORMATION |
Numéro de pièce similaire - UMY1NG-AL5-R |
|
Description similaire - UMY1NG-AL5-R |