| Moteur de recherche de fiches techniques de composants électroniques |
|
XMMA2000W Fiches technique(PDF) 8 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
XMMA2000W Fiches technique(HTML) 8 Page - Motorola, Inc |
|
8 / 8 page ![]() XMMA1000P XMMA2000W 8 Motorola Sensor Device Data PACKAGE DIMENSIONS CASE 648C–03 ISSUE C DIP PACKAGE –A– –B– 16 9 18 F D G E N K C NOTE 5 16 PL S A M 0.13 (0.005) T –T– SEATING PLANE S B M 0.13 (0.005) T J 16 PL M L DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.840 18.80 21.34 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 E 0.050 BSC 1.27 BSC F 0.040 0.70 1.02 1.78 G 0.100 BSC 2.54 BSC J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L 0.300 BSC 7.62 BSC M 0 10 0 10 N 0.015 0.040 0.39 1.01 _ _ _ _ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. INTERNAL LEAD CONNECTION BETWEEN 4 AND 5, 12 AND 13. CASE 456–03 ISSUE D WB PACKAGE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 15.70 0.638 0.618 16.21 B 6.35 0.270 0.250 6.86 C 3.30 0.135 0.130 3.43 D 0.38 0.021 0.015 0.53 E 8.33 0.368 0.328 9.35 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.009 0.012 0.23 0.30 K 0.125 0.140 3.18 3.56 L 0.063 0.070 1.60 1.78 M 0.015 0.025 0.38 0.64 N 0.036 0.044 0.91 1.12 P 0.110 0.120 2.79 3.05 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. –A– M A M 0.13 (0.005) B M T 12 16 7 G H K D 6 PL C –B– L J N P E –T– M F F 2.84 0.112 3.05 0.120 S S 0.025 0.035 0.64 0.89 Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1, P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447 Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488 Customer Focus Center: 1–800–521–6274 Mfax ™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System – US & Canada ONLY 1–800–774–1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298 – http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ XMMA1000P/D ◊ |