Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3002 Fiches technique(PDF) 14 Page - Cirrus Logic

No de pièce CS3002
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002 Fiches technique(HTML) 14 Page - Cirrus Logic

Back Button CS3002 Datasheet HTML 8Page - Cirrus Logic CS3002 Datasheet HTML 9Page - Cirrus Logic CS3002 Datasheet HTML 10Page - Cirrus Logic CS3002 Datasheet HTML 11Page - Cirrus Logic CS3002 Datasheet HTML 12Page - Cirrus Logic CS3002 Datasheet HTML 13Page - Cirrus Logic CS3002 Datasheet HTML 14Page - Cirrus Logic CS3002 Datasheet HTML 15Page - Cirrus Logic CS3002 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS3001
CS3002
14
5. ORDERING INFORMATION
Part #
Temperature Range
Package Description
CS3001-IS
-40 °Cto +85 °C
8-lead SOIC
CS3002-IS
-40 °Cto +85 °C
8-lead SOIC
Note: Add the letter R to the Part # to order reels. There are 2000 pieces per reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16