Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS22250 Fiches technique(PDF) 22 Page - Cirrus Logic

No de pièce CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Fiches technique(HTML) 22 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 18Page - Cirrus Logic CS22250 Datasheet HTML 19Page - Cirrus Logic CS22250 Datasheet HTML 20Page - Cirrus Logic CS22250 Datasheet HTML 21Page - Cirrus Logic CS22250 Datasheet HTML 22Page - Cirrus Logic CS22250 Datasheet HTML 23Page - Cirrus Logic CS22250 Datasheet HTML 24Page - Cirrus Logic CS22250 Datasheet HTML 25Page - Cirrus Logic CS22250 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
CS22250 Wireless 10BT Controller
22 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
Table 1. Pin Listing by Name
ball
name
ball
name
ball
name
ball
name
H17
BBAS
B02
OSAD10
T16
SMA00
D15
TXD
K17
BBNCS
L04
OSAD11
U17
SMA01
E16
TXPAPE
H15
BBRNW
P03
OSAD12
P14
SMA02
B17
TXPE
J16
BBSCLK
P01
OSAD13
T17
SMA03
E15
TXPEBB
H14
BBSDX
N03
OSAD14
R17
SMA04
D16
TXRDY
T04
CAL/C3CS
N04
OSAD15
P15
SMA05
E14
USB_ENUM
C16
CCA
E01
OSAD16
N14
SMA06
B06
USBVM
U05
CSR
E03
OSAD17
P17
SMA07
D06
USBVP
P06
CSS
E02
OSAD18
N15
SMA08
A01
VCC
D11
DACAVDD
H02
OSAD19
M14
SMA09
J01
VCC
C13
DACAVSS
G04
OSAD20
M16
SMA10
T02
VCC
D12
RSVD
F01
OSAD21
M15
SMA11
A12
VDD
B12
RSVD
G01
OSAD22
U07
SMCKE
B04
VDD
A06
ECOL
F02
OSAD23
U11
SMCLK
B11
VDD
A02
ECRS
K03
OSAD24
T08
SMD00
B14
VDD
C04
ERXCLK
R02
OSAD25
R10
SMD01
C06
VDD
A03
ERXD0
L01
OSAD26
P11
SMD02
C15
VDD
B05
ETXCLK
M02
OSAD27
T11
SMD03
D09
VDD
A05
ETXD0
M03
OSAD28
R11
SMD04
E17
VDD
A04
ETXEN
M04
OSAD29
P12
SMD05
F04
VDD
H01
EXT_RESET
K02
OSAD30
R12
SMD06
G16
VDD
G15
MDRDY
F03
OSAD31
P13
SMD07
J15
VDD
A07
N/C
G03
OSCLK
U12
SMD08
K01
VDD
A13
N/C
D01
OSCTLDIR
R13
SMD09
N17
VDD
B08
N/C
U01
OSDMAREQ0 U13
SMD10
P16
VDD
C03
N/C
T03
OSDMAREQ1 U14
SMD11
R04
VDD
C07
N/C
L02
OSNINT
R14
SMD12
R08
VDD
C08
N/C
C02
OSNRESET
U15
SMD13
T01
VDD
C12
N/C
L03
OSNWAIT
U16
SMD14
T10
VDD
R05
N/C
H03
OSREQ
R15
SMD15
T12
VDD
T06
N/C
G02
OSRNW
U06
SMDQM00
T14
VDD
L15
NBRCE
A16
PLLAGND
T07
SMDQM01
U09
VDD
G14
NRESETBB
D14
PLLAVCC
P08
SMNCAS
A09
VEE
K14
NTEST
B15
PLLDGND
R06
SMNCS00
C09
VEE
C11
NTRST
A17
PLLDVCC
P07
SMNCS01
D07
VEE
D03
OSAD00
A15
PLLPLUS
L16
SMNRAS
J03
VEE
E04
OSAD01
F15
RLQ
L14
SMNWE
J04
VEE
D04
OSAD02
B16
RNPD
U03
SYNTH_LE1
J14
VEE
R03
OSAD03
B03
RSVD
P04
SYNTH_LE2
K16
VEE
R01
OSAD04
D05
RSVD_0
J17
SYNTHLE
R09
VEE
P02
OSAD05
U04
RSVD_1
A10
TCK
T09
VEE
N01
OSAD06
P05
RSVD_2
B10
TDI
A08
VSS
N02
OSAD07
G17
RXCLK
C10
TDO
A11
VSS
D02
OSAD08
F14
RXD
D10
TMS
A14
VSS
C01
OSAD09
F17
RXPEBB
D17
TXCLK
B01
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32