| Moteur de recherche de fiches techniques de composants électroniques |
|
P06LB Fiches technique(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
P06LB Fiches technique(HTML) 5 Page - Socay Electornics Co., Ltd. |
|
5 / 5 page ![]() Thyristor Surge Suppressors (TSS) Revision September 25, 2013 5 / 5 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. P0080LB - P5000LB Series - DO-15 @10/700 μS, 4KV SOCAY Electronics Co., Ltd. www.socay.com Inches Millimeters Dimensions Min Max Min Max B 0.028 0.034 0.711 0.864 D 0.120 0.140 3.048 3.556 G 0.235 0.270 5.969 6.858 L 1.000 25.40 Part Number Description Quantity Industry Standard DO-15 Axial Tape & Reel 4000 EIA-RS-296-D Pxxx0LB DO-15 Bulk Pack 500 N/A Part Numbering Part Marking Dimensions DO-15 Date code Part Marking Code (Refer to Electrical Characteristics Table) Packaging 2.55 (64.8) 2.07 (52.6) 0.24 (6.10) 0.20 (5.08) 2.7 (68.6) 0.68 (17.27) 3.52 (89.40) 13 (330.2) Direction of Feed Dimensions are in inches (and millimeters) Tape and Reel Specifications DO-15 |