| Moteur de recherche de fiches techniques de composants électroniques |
|
SC6-110 Fiches technique(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC6-110 Fiches technique(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 2 / 4 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC6 Series SOCAY Electronics Co., Ltd. www.socay.com Ambient Operation Temperature -40 °C -20 °C 0 °C 25 °C 40 °C 50 °C 60 °C 70 °C 85 °C Part Number Hold Current (A) SC6-050 0.73 0.65 0.58 0.50 0.42 0.39 0.34 0.31 0.26 SC6-065 0.94 0.85 0.75 0.65 0.54 0.50 0.44 0.40 0.34 SC6-075 1.09 0.98 0.86 0.75 0.62 0.58 0.51 0.46 0.39 SC6-090 1.31 1.17 1.04 0.90 0.75 0.69 0.61 0.55 0.47 SC6-110 1.60 1.43 1.27 1.10 0.91 0.85 0.75 0.67 0.57 SC6-120 1.74 1.56 1.38 1.20 1.00 0.92 0.82 0.73 0.62 SC6-135 1.96 1.76 1.55 1.35 1.12 1.04 0.92 0.82 0.70 SC6-160 2.32 2.08 1.84 1.60 1.33 1.23 1.09 0.98 0.83 SC6-185 2.68 2.41 2.13 1.85 1.54 1.42 1.26 1.13 0.96 SC6-250 3.63 3.25 2.88 2.50 2.08 1.93 1.70 1.53 1.30 A=SC6-075 B=SC6-090 C=SC6-110 D=SC6-120 E=SC6-135 F=SC6-160 G=SC6-185 H=SC6-250 Temperature Rerating Chart – I hold (A) Temperature Rerating Curve Average Time Current Curves Current in Amperes Temperature ( °C) |