| Moteur de recherche de fiches techniques de composants électroniques |
|
SC250-080 Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC250-080 Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd. |
|
1 / 5 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 1 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC250 Series SOCAY Electronics Co., Ltd. www.socay.com SC250 Series is designed to protect against short duration high voltage fault currents (power cross or power induction surge) typically used in AC220V. u 0.02-2.0A hold current rating u 250VAC operating voltage u Fast time-to- trip u RoHS compliant, Lead-Free and Halogen-Free u AC220V over-current protection u Power ports u Customer Premises Equipment(CPE) Maximum Time To Trip Resistance Part Number I hold (A) I trip (A) V max (Vac) I max (A) P dtyp. (W) Current (A) Time (Sec.) R min ( Ω) R max ( Ω) R 1max ( Ω) SC250-020 0.02 0.04 250 1.0 0.6 0.10 8.0 65.0 165.0 225.0 SC250-030 0.03 0.06 250 1.0 0.6 0.15 5.0 35.0 90.0 120.0 SC250-040 0.04 0.08 250 1.0 0.7 0.20 6.0 27.0 65.0 90.0 SC250-050 0.05 0.10 250 1.0 0.7 0.25 5.0 22.0 55.0 75.0 SC250-060 0.06 0.12 250 1.2 0.8 0.30 5.0 18.0 45.0 60.0 SC250-080 0.08 0.16 250 1.2 0.8 0.40 5.0 11.0 22.0 33.0 SC250-120S 0.12 0.24 250 1.2 1.0 0.60 5.0 6.0 12.0 16.0 SC250-160 0.16 0.32 250 2.0 1.4 0.80 15.0 3.5 7.8 10.4 SC250-200C 0.20 0.40 250 3.0 1.5 1.00 9.0 3.0 6.5 8.0 SC250-250 0.25 0.50 250 3.5 1.5 1.25 7.0 2.2 5.0 6.0 SC250-300 0.30 0.60 250 4.5 1.7 1.50 8.0 1.8 4.0 4.8 SC250-330 0.33 0.66 250 4.5 1.7 1.65 8.0 1.6 3.6 4.3 SC250-400 0.40 0.80 250 5.5 2.0 2.00 9.0 1.35 3.00 3.6 SC250-500 0.50 1.0 250 6.5 2.5 2.50 10.0 0.90 2.00 2.4 SC250-550 0.55 1.1 250 7.0 2.5 2.75 9.0 0.85 1.80 2.2 SC250-600 0.60 1.2 250 6.0 2.5 3.00 8.0 0.80 1.65 2.0 SC250-650 0.65 1.3 250 6.5 2.6 3.25 12.0 0.65 1.30 1.6 SC250-750 0.75 1.5 250 7.5 2.6 3.75 18.0 0.55 1.10 1.3 SC250-800 0.80 1.6 250 8.0 2.7 4.00 18.0 0.50 1.00 1.2 SC250-900 0.90 1.8 250 9.0 2.8 4.50 18.0 0.45 0.90 1.1 SC250-1000C 1.00 2.0 250 10.0 2.9 5.00 21.0 0.37 0.75 0.90 SC250-1100 1.10 2.2 250 10.0 3.1 5.50 21.0 0.33 0.66 0.80 SC250-1250C 1.25 2.5 250 10.0 3.3 6.25 23.0 0.27 0.55 0.66 SC250-1350 1.35 2.7 250 10.0 3.5 6.75 23.0 0.25 0.50 0.60 SC250-1600 1.60 3.2 250 10.0 3.9 8.00 23.0 0.20 0.40 0.48 SC250-1850 1.85 3.7 250 10.0 4.3 9.25 23.0 0.165 0.33 0.40 SC250-2000 2.00 4.0 250 10.0 4.5 10.0 28.0 0.135 0.27 0.33 Description Features Electrical Parameters Applicable |
Numéro de pièce similaire - SC250-080 |
|
Description similaire - SC250-080 |