| Moteur de recherche de fiches techniques de composants électroniques |
|
SC250-110 Fiches technique(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC250-110 Fiches technique(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 2 / 4 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC250 Series SOCAY Electronics Co., Ltd. www.socay.com Ambient Operation Temperature -40 °C -20 °C 0 °C 25 °C 40 °C 50 °C 60 °C 70 °C 85 °C Part Number Hold Current (A) SC250-080 0.124 0.110 0.095 0.080 0.066 0.059 0.051 0.044 0.033 SC250-090 0.140 0.124 0.107 0.090 0.074 0.066 0.058 0.050 0.037 SC250-110 0.171 0.151 0.131 0.110 0.091 0.081 0.071 0.061 0.046 SC250-120 0.186 0.165 0.143 0.120 0.099 0.088 0.077 0.066 0.050 SC250-120T 0.186 0.165 0.143 0.120 0.099 0.088 0.077 0.066 0.050 SC250-145 0.225 0.199 0.172 0.145 0.119 0.106 0.093 0.080 0.060 SC250-145T 0.225 0.199 0.172 0.145 0.119 0.106 0.093 0.080 0.060 SC250-180C 0.279 0.247 0.213 0.180 0.147 0.131 0.115 0.099 0.074 SC250-180S 0.279 0.247 0.213 0.180 0.147 0.131 0.115 0.099 0.074 A=SC250-080/SC250-090 B=SC250-110 C=SC250-120/SC250-120T D=SC250-145/SC250-145T E=SC250-180/SC250-180C Temperature Rerating Chart – I hold (A) Temperature Rerating Curve Average Time Current Curves Current in Amperes Temperature ( °C) |