| Moteur de recherche de fiches techniques de composants électroniques |
|
UCD4001BL-S14-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4001BL-S14-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UCD4001B Preliminary CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-599.c QUAD 2-INPUT NOR BUFFERED B SERIES GATE DESCRIPTION The UTC UCD4001B contains four independent 2-input NOR gates,they perform the function Y=A+B in positive logic. FEATURES * 5V-10V-15V Parametric Ratings * Quad 2-Input NOR Gate * Symmetrical Output Characteristics * Maximum Input Current of 1uA at 15V Over Full Package Temper- ature Rage * Low Power TTL: Fan Out of 2 Driving 74L Compatibility or 1 Driving 74LS SOP-14 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free UCD4001BL-S14-R UD4001BG-S14-R SOP-14 Tape Reel |
Numéro de pièce similaire - UCD4001BL-S14-R |
|
Description similaire - UCD4001BL-S14-R |