| Moteur de recherche de fiches techniques de composants électroniques |
|
U74LVC74AL-S14-R Fiches technique(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74LVC74AL-S14-R Fiches technique(HTML) 6 Page - Unisonic Technologies |
|
6 / 7 page ![]() U74LVC74A CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 7 www.unisonic.com.tw QW-R502-879.C TEST CIRCUIT AND WAVEFORMS From Output CL TEST CIRCUIT RL Note: CL includes probe and jig capacitance. Fig. 1 Load circuitry for switching times. Fig. 2 Propagation delay from input to output and input voltage waveforms. VCC Inputs VM CL RL VIN tR, tF 1.8V±0.15V VCC ≤2ns VCC/2 30pF 1KΩ 2.5V±0.2V VCC ≤2ns VCC/2 30pF 500Ω 2.7V 2.7V ≤2.5ns 1.5V 50pF 500Ω 3.3V±0.3V 2.7V ≤2.5ns VCC/2 50pF 500Ω |