| Moteur de recherche de fiches techniques de composants électroniques |
|
TF2123L-B-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TF2123L-B-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD TF2123 N-CHANNEL JFET www.unisonic.com.tw 1 of 4 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R206-106. A N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS DESCRIPTION The UTC TF2123 uses advanced trench technology to provide excellent RDS (ON), low gate charge and operation with low gate voltages. This device is suitable for use in capacitor microphone applications. FEATURES *Suited for use in audio, telephone capacitor microphones. *Good voltage characteristic. *Good transient characteristic. ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 TF2123L-x-AE3-R TF2123G-x-AE3-R SOT-23 S D G Tape Reel TF2123L-x-AN3-R TF2123G-x-AN3-R SOT-523 S D G Tape Reel TF2123L-x-AQ3-R TF2123G-x-AQ3-R SOT-723 S D G Tape Reel MARKING TF2123-A TF2123-B TF2123-C |
Numéro de pièce similaire - TF2123L-B-AN3-R |
|
Description similaire - TF2123L-B-AN3-R |