| Moteur de recherche de fiches techniques de composants électroniques |
|
1888654-2 Fiches technique(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1888654-2 Fiches technique(HTML) 13 Page - Tyco Electronics |
|
13 / 32 page ![]() 13 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Tyco Electronics is developing an AdvancedMC connector designed to meet the PICMG AdvancedMC specification for use with AdvancedTCA carrier boards and other related applications. The AdvancedMC product family from Tyco Electronics will include single-part Z-Pluggable connectors in Extended (B+ and A+B+) styles. www.tycoelectronics.com/products/atca Product Specification 108-2277 Application Specification 114-13181 AdvancedTCA — Advanced Mezzanine Card (AdvancedMC) Connectors FEATURES • B+ style available now • A+B+ styles planned – Targeted for high-speed differ- ential applications (3.125 Gb/s to 10+ Gb/s): – Precision formed compliant pin reduces stub effect and offers excellent retention to provide a reliable connect • Suitable for assembly processes using flat-rock tooling Part Number Plating Inserts Pegs 1367703-1 SnPb No No 1367703-2 Sn No No 1-1367703-1 SnPb Yes No 1-1367703-2 Sn Yes No 2-1367703-1 SnPb No Yes 2-1367703-2 Sn No Yes 3-1367703-1 SnPb Yes Yes 3-1367703-2 Sn Yes Yes Note: Part Numbers are RoHS compliant except: Indicates “5 of 6 compliant” (lead in solderable interface only). 65.15 ± 0.05 [2.565 ± .002] 71.50 ± 0.05 [2.815 ± .002] 4.10 ± 0.05 [.161 ± .002] 4.10 ± 0.05 [.161 ± .002] 21.85 ± 0.05 [.860 ± .002] 3.90 ± 0.05 [.154 ± .002] 6.00 [.236] 1.90 ± 0.08 [.075 ± .003] Housing 2 Plcs. 13.70 [.539] Max. Contact Insert, Threaded, 2 Plcs., Optional +0.00 –0.10 +.000 –.004 0.65 [.026 ] 65.15 ± 0.05 [2.565 ± .002] 71.50 ± 0.05 [2.815 ± .002] 4.10 ± 0.05 [.161 ± .002] 21.85 ± 0.05 [.860 ± .002] 3.90 ± 0.05 [.154 ± .002] 6.00 [.236] 2 Plcs. 14.00 [.551] Ref. 5.80 [.228] 2 Plcs. 1.90 ± 0.08 [.075 ± .003] Housing 13.70 [.539] Max. Contact Optional Pegs Insert, Threaded, 2 Plcs., Optional + 0.00 – 0.10 + .000 – .004 0.65 [.026 ] AdvancedMC Connector, Style B+ Part Number 1367703-X |